Part Number Hot Search : 
2S41TB NE06L KLLU1500 XRD878 74LS1 7122A 6250G A23L2616
Product Description
Full Text Search
 

To Download G3VM-101DR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mos fet relays g3vm-101ar/dr 1 mos fet relays g3vm-101ar/dr compact, general-purpose, analog-switching mos fet relays, with 1a switching. ? continuous load current of 1 a ? switches minute analog signals ? dielectric strength of 2,500 vrms between i/o ? rohs compliant application examples ? communication equipment and measurement devices ? security systems and power circuits ? factory automation equipment note: the actual product is marked differently from the image shown here. list of models note: the ac peak and dc value are given for the load voltage. dimensions note: all units are in millimeter s unless otherwise indicated. terminal arrangement/internal connections (top view) pcb dimensions (bottom view) actual mounting pad dimensions (recommended value, top view) package type contact form terminals load voltage (peak value) model number per stick number per tape dip4 spst-no pcb terminals 100 v g3vm-101ar 100 --- surface-mounting terminals G3VM-101DR G3VM-101DR(tr) --- 1,500 4.58 0.25 6.4 0.25 2.54 0.25 1.2 0.15 0.5 0.1 0.8 0.25 7.62 0.25 7.85 to 8.80 3.65 +0.15 ? 0.25 0.25 +0.1 ? 0.05 2.5 min. 4.58 0.25 6.4 0.25 2.54 0.25 1.2 0.15 7.62 0.25 10.0 max. 1.0 min. 1.0 min. 3.65 +0.15 ? 0.25 4.0 +0.25 ? 0.2 g3vm-101ar G3VM-101DR note: the actual product is marked different- ly from the image shown here. note: the actual product is marked different- ly from the image shown here. weight: 0.25 g weight: 0.25 g 43 12 43 12 932 omron logo pin 1 mark model name mold pin mark ? lot no. g3vm-101ar G3VM-101DR note: the actual product is marked differently from the image shown here. four, 0.8-dia. holes 2.54 2.54 (0.61) (0.61) (1.52) (1.52) g3vm-101ar 8.3 to 8.8 2.54 1.5 1.3 G3VM-101DR
2 mos fet relays g3vm-101ar/dr absolute maximum ratings (ta = 25 c) electrical characteristics (ta = 25 c) recommended operating conditions use the g3vm under the following conditions so that the relay will operate properly. item symbol rating unit measurement conditions input led forward current i f 30 ma repetitive peak led forward current i fp 1 a 100 s pulses, 100 pps led forward current reduction rate i f / c ? 0.3 ma/ cta 25 c led reverse voltage v r 5v connection temperature t j 125 c output load voltage (ac peak/dc) v off 100 v continuous load current (ac peak/dc) i o 1a on current reduction rate i on / c ? 10 ma/ cta 25 c pulse on current i op 3 a t=100 ms, duty = 1/10 connection temperature t j 125 c dielectric strength between input and output (see note 1.) v i-o 2,500 v rms ac for 1 min operating temperature t a ? 40 to +85 c with no icing or condensation storage temperature t stg ? 55 to +125 c with no icing or condensation soldering temperature (10 s) --- 260 c10 s note: 1. the dielectric strength between the input and output was checked by applying voltage be- tween all pins as a group on the led side and all pins as a group on the light-receiving side. item symbol minimum typical maxi- mum unit measurement conditions input led forward voltage v f 1.18 1.33 1.48 v i f = 10 ma reverse current i r --- --- 10 av r = 5 v capacity between terminals c t --- 70 --- pf v = 0, f = 1 mhz trigger led forward current i ft --- 0.5 3 ma i o = 1 a output maximum resistance with output on r on --- 250 700 m i f = 5 ma, i o =1 a, t < 1 s current leakage when the relay is open i leak --- --- 1.0 av off = 100 v capacity between terminals c off --- 200 --- pf v = 0, f = 1mhz capacity between i/o terminals c i-o --- 0.8 --- pf f = 1 mhz, v s = 0 v insulation resistance between i/o terminals r i-o 1,000 --- --- m v i-o = 500 vdc, r oh 60% tu r n - o n t i m e t on --- 0.8 5.0 ms i f = 5 ma, r l = 200 , v dd = 20 v (see note 2.) turn-off time t off --- 0.3 1.0 ms v out i f t on t off 10% 90% i f 1 2 4 3 r l v dd v out note: 2. turn-on and turn-off times item symbol minimum typical maximum unit load voltage (ac peak/dc) v dd --- --- 80 v operating led forward current i f 5 1025ma continuous load current (ac peak/dc) i o --- --- 1 a operating temperature t a ? 20 --- 65 c
mos fet relays g3vm-101ar/dr 3 engineering data precautions be sure to read the precautions and information common to all g3vm mos fet relays, contained in t he technical user?s guide, ?mo sfet relays, technical information? for correct use. 0 30 10 20 40 50 -40 100 8 0 60 40 20 0 -20 1.5 0.5 1 0 -40 -20 0 20 40 60 8 0 100 100 10 1 0.1 0.01 0 0.5 1.0 1.5 2.0 ta = 25c -0.3 -0.2 -0.1 0 0.2 0.3 0.1 t a = 25c i f = 5ma 1.5 0.5 -0.5 -1.5 300 0 100 200 400 500 i o = 1a i f = 5ma, t < 1s -40 -20 0 20 40 60 8 0100 i o = 1a t < 1s 2 1 0 -40 -20 0 20 40 60 8 0100 v dd = 20 v r l = 200 t a = 25c 100 10 1 100 10 1 0.1 0.01 t off t on 0.01 100 10 1 0.1 v dd = 20 v r l = 200 i f = 5ma -40 -20 0 20 40 60 8 0 100 t off t on 0.01 100 10 1 0.1 v off = 100 v -40 -20 0 20 40 60 8 0100 ) ) , t ( , t ( c ( turn on, turn off time t on off ms turn on, turn off time t on off m s urrent leakage i leak na) led forward current i f (ma) ambient temperature ta (  ambient temperature ta (  () t, t - t off - - (v on state voltage v on ) ambient temperature ta  ) ambient temperature ta (  turn on, turn off time vs. led forward current on off i f turn on, turn off time vs. ambient temperature on , t ta current leakage vs. ambient temperature i leak ?ta trigger led forward current i ft (ma) ) o - (m continuous load current i (a) on state resistance r on - trigger led forward current vs. ambient temperature i ft ta on- i o continuous load current vs. state voltage - v on on-state resistance vs. ambient temperature r on - ta  f led forward voltage v (v) ambient temperature ta  ambient temperature ta (  ) led forward current i f (ma) - led forward current vs. led forward voltage i f v f continuous load current i o (a) continuous load current vs. ambient temperature i o - ta led forward current i f (ma) led forward current vs. ambient temperature i f - ta
4 mos fet relays g3vm-101ar/dr omron on-line global - http://www.omron.com usa - http://www.components.omron.com cat. no. k141-e-01 printed in usa omron electronic components llc 55 e. commerce drive, suite b schaumburg, il 60173 847-882-2288 07/12 specifications subject to change without notice all sales are subject to omron electronic components llc standard terms and conditions of sale, which can be found at http://www.components.omron.com/compon ents/web/webfiles.ns f/sales_terms.html all dimensions shown are in millimeters. to convert millimeters into inches, multiply by 0.0393 7. to convert grams into ounces, multiply by 0.03527.


▲Up To Search▲   

 
Price & Availability of G3VM-101DR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X